Part Number Hot Search : 
TFS170N GM50A TFS170N 0D102 DI100 SA58631 CZ3001D TCND500
Product Description
Full Text Search
 

To Download 1N5830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N5829 thru 1N5831
25 Amp Schottky Barrier Rectifier 20 to 35 Volts
DO-4
B
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -65C to +150C Storage Temperature: -65C to +150C Maximum Recurrent Peak Reverse Voltage 20V 25V 35V Maximum DC Blocking Voltage 20V 25V 35V
MCC Part Number 1N5829 1N5830 1N5831
Maximum RMS Voltage 14V 17.5V 24.5V
N M C J
P H F G
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1N5829 1N5830 1N5831 Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 25 A 800A TL = 85C 8.3ms, half sine
E A
DIMENSIONS
VF
.44V
IFM = 25 A; TA = 125C .46V .48V
DIM A B C D E F G H J M N P
INCH ES MIN 10-32 UNF3A .424 ----.600 .422 .075 ----.163 --------.020 .060
MAX Threads .437 .505 .800 .453 .175 .405 .189 .310 .350 .065 .100
MM MIN MAX Standard Polarity 10.77 11.10 ----12.82 15.24 20.32 10.72 11.50 1.91 4.44 ----10.29 4.15 4.80 ----7.87 ----0.51 1.53 8.89 1.65 2.54
NOTE
IR
20mA
TA = 25C

*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
1N5829 thru 1N5831
Figure 1 Typical Forward Characteristics 200 100 60 40 25 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 5 Amps 10 20 30
MCC
Figure 2 Forward Derating Curve
15
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 50 70 C 100 125 150
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Junction Capacitance
1000 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
1N5829 thru 1N5831
Figure 4 Typical Reverse Characteristics 500 400 300 600 200 100 60 40 20 mAmps 10 6 4 2 1 .6 .4 .2 .1 20 40 TA= 25C 50 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 70 80 90 TA=125C 0 1 2 4 Amps 500 400 300 200 800
MCC
Figure 5 Peak Forward Surge Current
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X